PART |
Description |
Maker |
GS2A-A GS2B-A GS2D-A GS2G-A GS2J-A GS2K-A GS2M-A |
Standard Recovery Pack: SMA
|
GULF SEMI
|
SBYG21KG SBYG21MG |
Fast Recovery Pack: SMA
|
GULF SEMI
|
BYW56 |
Standard Recovery Pack: SOD-57
|
GULF SEMI
|
UG6KB100 UG6KB60 UG6KB80 UG6KB05 UG6KB40 UG6KB20 |
Bridge rectifier Pack: D3K Standard Recovery Pack: D3K SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
|
Gulf Semiconductor http://
|
G6A G6B G6D G6G G6J G6K G6M |
Standard Recovery Pack: R-1 MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
1N4007G-1 |
Standard Recovery Pack: DO-41 GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
GP10Y |
Standard Recovery Pack: DO-41 SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1600V CURRENT: 1.0A
|
Gulf Semiconductor
|
GP15A GP15B GP15D GP15G GP15J GP15K GP15M |
Standard Recovery Pack: DO-15 SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
|
Gulf Semiconductor
|
1N5400GM 1N5401GM 1N5402GM 1N5403GM 1N5404GM 1N540 |
Standard Recovery Pack: DO-201AD GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50V to 1000V CURRENT: 3.0A
|
Gulf Semiconductor
|
1N5400G 1N5401G 1N5402G 1N5403G 1N5404G 1N5405G 1N |
Standard Recovery Pack: DO-201AD GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50V to 1000V CURRENT: 3.0A
|
Gulf Semiconductor
|
BYW54GP BYW56GP |
Standard Recovery Pack: DO-15 SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:600 TO 1000V CURRENT: 2.0A
|
Gulf Semiconductor
|
MBA0204VC9761FC100 MBA02040C1108FCT00 VISHAYBEYSCH |
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 Precision Thin Film Leaded Resistors Film/Foil Resistor, RESISTOR, THIN FILM, 0.4 W, 1 %, 50 ppm, 1.1 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT MBA 0204-50 1%,KL AMMO 3K3 - Ammo Pack MBA 0204-50 1%,KL AMMO 33K - Ammo Pack MBA 0204-50 1%,KL AMMO 3M3 - Ammo Pack MBA 0204-50 1%,AMMO 12K4 - Ammo Pack MBA 0204-50 1%,KL AMMO 300K - Ammo Pack MBA 0204-50 1%,KL AMMO 16K - Ammo Pack RES THNFLM 1.8 OHM 1% 2/5W 50PPM/ C AXL TH - Ammo Pack RES THNFLM 2.4 OHM 1% 2/5W 50PPM/ C AXL TH - Ammo Pack Film/Foil Resistor, RESISTOR, THIN FILM, 0.4 W, 1 %, 50 ppm, 1620000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT RES THNFLM 1.62M OHM 1% 2/5W 50PPM/ C AXL TH - Ammo Pack
|
Vishay Beyschlag
|